Part Number Hot Search : 
7658A 1N2999B ADV7181B 2L64164A 1N599 LN526OK 2SA15 HD14447B
Product Description
Full Text Search
 

To Download SESDXXXWB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the SESDXXXWB series is designed to protect voltage sensitive components from esd. excellent cl amping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to esd. because of its sm all size, it is suited for use in cellular phones, mp3 players, digita l cameras and many other portable applications where board s pace is at a premium. features z stand?off voltage: 3.3 v? 12 v z low leakage z response time is typically < 1 ns z esd rating of class 3 (> 16 k v) per human body model z iec61000 ?4 ? 2 level 4 esd protection z these are pb ? free devices maximum ratings @ta =25 parameter symbol limit unit iec61000 ?4 ? 2(esd) contact 30 kv esd v oltage per human body model per machine model 16 400 kv v total power d issipation on fr-5 b oard (note 1) p d 100 mw thermal resistance junction ?to ? ambient r ja 1250 / w lead solder temperature ? maximum (10 second duration) t l 260 junction and storage t emperature r ange t j, t stg -55 ~ +150 stresses exceeding m aximum r atings may damage the device. maximum r atings are stress ratings only. functional operation above the reco mmended. operating c onditions is no t implied. extended exposure to stresses above the r ecommended o perating c ond itions may affect device reliability. 1. fr ? 5 = 1.0 x 0.75 x 0.62 in. wbfbp-02c (1 .00.60.5) unit: mm willas electronic corp. 2012-09 z transient voltage suppressors for esd protection SESDXXXWB
electrical characteristics (ta = 25c unless otherwise noted) symbol parameter i pp maximum reverse peak pulse current v c clamping voltage @ i pp v rwm working peak reverse voltage i r maximum reverse leakage current @ v rwm v br breakdown voltage @ i t i t test current i f forward current v f forward voltage @ i f p pk peak power dissipation c max. capacitance @v r =0 and f =1mhz electrical characteristics (ta = 25c unless otherwise noted, v f = 0.9 v max. @ i f = 10ma for all types) v rwm (v) i r ( a) @ v rwm v br (v) @ i t (note 2) i t max i pp (a) (note 3) v c (v) @max i pp (a) (note 3) p pk (w) (8 x 20 s) c (pf) device* device marking max max min max ma - max typ typ sesd3v3wb a 3.3 1 5.0 5. 9 1.0 9.8 11.4 102 80 sesd5v0wb b 5.0 1 6.2 7. 3 1.0 8.7 12.3 107 65 sesd7v0wb x7 7.0 1.0 7.5 8. 7 1.0 8.0 15.1 115 55 sesd12vwb c 12 1.0 13.5 15.6 1.0 5.9 23.7 140 30 *other voltages available upon request. 2. v br is measured with a pulse test current i t at an ambient temperature of 25c. 3. surge current waveform per figure 3. willas electronic corp. 2012-09 .0 .0 transient voltage suppressors for esd protection SESDXXXWB


▲Up To Search▲   

 
Price & Availability of SESDXXXWB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X